Part Number Hot Search : 
1N3341B 20D182K D9528 2SC4672 F2010 GPA802DT 2N6080 RMCS9018
Product Description
Full Text Search
 

To Download SR215E104MARTR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  15 radial leads/skycap ? /sr series see note see note dimensions: millimeters (inches) note: coating clean .784 (0.031) min. above seating plane styles sr15, sr20, sr30, sr40, sr50 style sr21 styles sr22, sr27 w max. w max. w max. max. t max. t max. t l.s. .762 (0.030) l.s. .762 (0.030) l.s. .762 (0.030) h max. h max. h max. 1.0" min. 1.0" min. 1.0" min. ld nom. ld nom. ld nom. 1.52 (0.060) max. avx sr series conformally coated radial leaded mlc temperature coefficients: c0g (np0), x7r, z5u 200, 100, 50 volts (300v, 400v & 500v also available) case material: epoxy lead material: rohs compliant, 100% tin xxx x x x front xxx a xx back capacitance code tolerance code voltage code temp. char. code 3 digit date code lot code avx logo quantity per bag sr15, 20, 21, 22, 27, 30 1000 pieces sr40, 50 500 pieces note: sr15, sr20, sr21, sr30, and sr40 available on tape and reel per eia specifications rs-468. see pages 33 and 34. general information marking packaging requirements how to order sr21 avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 5 voltage 5 = 50v 1 = 100v 2 = 200v 9 = 300v 8 = 400v 7 = 500v e temperature coefficient a = c0g (np0) c = x7r e = z5u 104 capacitance first two digits are the significant figures of capacitance. third digit indicates the additional number of zeros. for example, order 100,000 pf as 104. (for values below 10pf use ?r? in place of decimal point, e.g., 1r4 = 1.4pf.) m capacitance tolerance c0g (np0): c = .25pf d = .5pf f = 1% (>50pf only) g = 2% (>25pf only) j = 5% k = 10% x7r: j = 5% k = 10% m = 20% z5u: m = 20% z = +80% -20% a failure rate a = not applicable r leads r = rohs long lead 1.0" minimum drawings are for illustrative purposes only. actual lead form shape could vary within stated tolerances based on body size. tr1 packaging blank = bulk packaging t = trimmed leads .230" .030" bulk packaging tr1 = tape and reel packaging ap1 = ammopack packaging see packaging specification page 33-34.
16 radial leads/skycap ? /sr series c0g (np0) dielectric size and capacitance specifications eia characteristic dimensions: millimeters (inches) for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. capacitance ranges available for sr12 and sr07 same as sr15 sr62 and sr59 same as sr21 sr64 and sr65 same as sr30 sr75 same as sr40 sr13 same as sr21 note: for others voltages, tolerances, electrical specifications and npo typical characteristics, see the avx multilayer ceramic leaded capacitors catalog. = industry preferred values = sr20 only 200 100 50 200 100 50 200 100 50 200 100 50 100 50 100 50 100 50 avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx ?insertable? sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 1.0-9.9 sr151a1r0dar 10 sr151a100kar 15 sr ----- a150kar 22 sr ----- a220kar 33 sr ----- a330kar 39 sr ----- a390kar 47 sr ----- a470kar 68 sr ----- a680kar 100 sr151a101kar 150 sr ----- a151kar 220 sr ----- a221kar 330 sr ----- a331kar 390 sr ----- a391kar 470 sr ----- a471kar 680 sr ----- a681kar 1000 sr211a102kar 1500 sr ----- a152kar 2200 sr ----- a222kar 3900 sr ----- a392kar 4700 sr ----- a472kar 6800 sr ----- a682kar 8200 sr-----a822kar 10,000 sr305a103kar 15,000 sr-----a153kar 22,000 sr ----- a223kar 33,000 sr ----- a333kar 39,000 sr ----- a393kar 47,000 sr ----- a473kar 68,000 sr ----- a683kar 100,000 sr ----- a104kar
17 radial leads/skycap ? /sr series x7r dielectric avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx ?insertable? sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 200 100 50 200 100 50 100 50 100 50 200 100 50 200 100 50 200 100 50 470 sr ----- c471kaa 1000 sr155c102kaa 1500 sr ----- c152kaa 2200 sr ----- c222kaa 3300 sr ----- c332kaa 4700 sr ----- c472kaa 6800 sr ----- c682kaa 10,000 sr215c103kaa 15,000 sr ----- c153kaa 22,000 sr ----- c223kaa 33,000 sr ----- c333kaa 47,000 sr ----- c473kaa 68,000 sr ----- c683kaa 100,000 sr215c104kaa 150,000 sr ----- c154kaa 220,000 sr215c224kaa 330,000 sr ----- c334kaa 390,000 sr ----- c394kaa 470,000 sr305c474kaa 1.0 uf sr305c105kaa 2.2 uf sr405c225kaa 2.7 uf sr505c275kaa 4.7 uf sr505c475kaa 10.0 uf sr655c106kaa = industry preferred values = extended range = extended range with 0.150" thickness maximum size and capacitance specifications eia characteristic dimensions: millimeters (inches) for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory.
18 radial leads/skycap ? /sr series z5u dielectric for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. capacitance ranges available for sr12 and sr07 same as sr15 sr62 and sr59 same as sr21 sr64 and sr65 same as sr30 sr75 same as sr40 sr13 same as sr21 note: for others voltages, tolerances, electrical specifications and npo typical characteristics, see the avx multilayer ceramic leaded capacitors catalog. maximum capacitance value style* c0g (np0) x7r sr29 900 pf .015 f sr20 1800 pf .033 f sr28 sr59 900 pf .015 f sr13 sr21 1800 pf .033 f sr30 sr61 7200 pf .12 f sr65 sr40 sr75 .015 f .27 f sr22 1800 pf .033 f sr27 1800 pf .033 f sr76 .015 f .27 f sr50 .036 f .59 f avx 500 volt skycaps** *consult pages 27 and 28 for style sizes. **voltage rating based on dwv of 150% of rated voltage. avx style sr15 sr20 sr21 sr22 sr27 sr30 sr40 sr50 avx ?insertable? sr07 sr29 sr59 n/a n/a sr65 sr75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 10,000 sr155e103zar 47,000 sr ----- e473zar 100,000 sr215e104zar 150,000 sr ----- e154zar 220,000 sr215e224zar 330,000 sr215e334zar 470,000 sr215e474zar 680,000 sr ----- e684zar 1.0 f sr ----- 105zar 1.5 f sr30e155zar 2.2 f sr30e225zar 3.3 f sr30e335zar 4.7 f sr30e475zar = industry preferred values = sr20 only size and capacitance specifications eia characteristic dimensions: millimeters (inches)
19 radial leads/skycap ? /sl series see note see note dimensions: millimeters (inches) note: coating clean .784/.031 min. above seating plane styles sl15, sl20, sl30, sl40, sl50 style sl21 styles sl22, sl27 w max. w max. w max. max. t max. t max. t l.s. .762/.030 l.s. .762/.030 l.s. .762/.030 h max. h max. h max. 1.0" min. 1.0" min. 1.0" min. ld nom. ld nom. ld nom. 1.52/.060 max. avx sl series conformally coated radial leaded mlc temperature coefficients: c0g (np0), x7r, z5u 200, 100, 50 volts (300v, 400v & 500v also available) case material: epoxy lead material: solderable sn/pb xxx x x x front xxx a xx back capacitance code tolerance code voltage code temp. char. code 3 digit date code lot code avx logo quantity per bag sl15, 20, 21, 22, 27, 30 1000 pieces sl40, 50 500 pieces note: sl15, sl20, sl21, sl30, and sl40 available on tape and reel per eia specifications rs-468. see pages 33 and 34. general information marking packaging requirements not rohs compliant how to order sl21 avx style sl15 sl20 sl21 sl22 sl27 sl30 sl40 sl50 5 voltage 5 = 50v 1 = 100v 2 = 200v 9 = 300v 8 = 400v 7 = 500v e temperature coefficient a = c0g (np0) c = x7r e = z5u 104 capacitance first two digits are the significant figures of capacitance. third digit indicates the additional number of zeros. for example, order 100,000 pf as 104. (for values below 10pf use ?r? in place of decimal point, e.g., 1r4 = 1.4pf.) m capacitance tolerance c0g (np0): c = .25pf d = .5pf f = 1% (>50pf only) g = 2% (>25pf only) j = 5% k = 10% x7r: j = 5% k = 10% m = 20% z5u: m = 20% z = +80% -20% a failure rate a = not applicable b leads b = leads sn/pb (tin lead product) tr1 packaging blank = bulk packaging t = trimmed leads .230" .030" bulk packaging tr1 = tape and reel packaging ap1 = ammopack packaging see packaging specification page 33-34.
20 radial leads/skycap ? /sl series c0g (np0) dielectric size and capacitance specifications eia characteristic dimensions: millimeters (inches) for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. note: capacitance ranges available for sl12 same as sl15 sl62 same as sl21 sl64 same as sl30 sl89 same as sl21 = industry preferred values = sl20 only 200 100 50 200 100 50 200 100 50 200 100 50 100 50 100 50 100 50 avx style sl15 sl20 sl21 sl22 sl27 sl30 sl40 sl50 avx ?insertable? sl07 sl29 sl59 n/a n/a sl65 sl75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 1.0-9.9 sl151a1r0dab 10 sl151a100kab 15 sl ----- a150kab 22 sl ----- a220kab 33 sl ----- a330kab 39 sl ----- a390kab 47 sl ----- a470kab 68 sl ----- a680kab 100 sl151a101kab 150 sl ----- a151kab 220 sl ----- a221kab 330 sl ----- a331kab 390 sl ----- a391kab 470 sl ----- a471kab 680 sl ----- a681kab 1000 sl211a102kab 1500 sl ----- a152kab 2200 sl ----- a222kab 3900 sl ----- a392kab 4700 sl ----- a472kab 6800 sl ----- a682kab 8200 sl-----a822kab 10,000 sl305a103kab 15,000 sl-----a153kab 22,000 sl ----- a223kab 33,000 sl ----- a333kab 39,000 sl ----- a393kab 47,000 sl ----- a473kab 68,000 sl ----- a683kab 100,000 sl ----- a104kab
21 radial leads/skycap ? /sl series x7r dielectric avx style sl15 sl20 sl21 sl22 sl27 sl30 sl40 sl50 avx ?insertable? sl07 sl29 sl59 n/a n/a sl65 sl75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 200 100 50 200 100 50 200 100 50 100 50 100 50 200 100 50 200 100 50 200 100 50 470 sl ----- c471kaa 1000 sl155c102kaa 1500 sl ----- c152kaa 2200 sl ----- c222kaa 3300 sl ----- c332kaa 4700 sl ----- c472kaa 6800 sl ----- c682kaa 10,000 sl215c103kaa 15,000 sl ----- c153kaa 22,000 sl ----- c223kaa 33,000 sl ----- c333kaa 47,000 sl ----- c473kaa 68,000 sl ----- c683kaa 100,000 sl215c104kaa 150,000 sl ----- c154kaa 220,000 sl215c224kaa 330,000 sl ----- c334kaa 390,000 sl ----- c394kaa 470,000 sl305c474kaa 1.0 uf sl305c105kaa 2.2 uf sl405c225kaa 2.7 uf sl505c275kaa 4.7 uf sl505c475kaa 10.0 uf sl655c106kaa = industry preferred values = extended range = extended range with 0.150" thickness maximum for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. size and capacitance specifications eia characteristic dimensions: millimeters (inches)
22 radial leads/skycap ? /sl series z5u dielectric for other styles, voltages, tolerances and lead lengths see part no. codes or contact factory. *other capacitance values available upon special request. maximum capacitance value style* c0g (np0) x7r sl29 900 pf .015 f sl20 1800 pf .033 f sl28 sl59 900 pf .015 f sl13 sl21 1800 pf .033 f sl30 sl61 7200 pf .12 f sl65 sl40 sl75 .015 f .27 f sl22 1800 pf .033 f sl27 1800 pf .033 f sl76 .015 f .27 f sl50 .036 f .59 f avx 500 volt skycaps** *consult pages 27 and 28 for style sizes. **voltage rating based on dwv of 150% of rated voltage. avx style sl15 sl20 sl21 sl22 sl27 sl30 sl40 sl50 avx ?insertable? sl07 sl29 sl59 n/a n/a sl65 sl75 n/a width 3.81 5.08 5.08 5.08 6.604 7.62 10.16 12.70 (w) (.150) (.200) (.200) (.200) (.260) (.300) (.400) (.500) height 3.81 5.08 5.08 5.08 6.35 7.62 10.16 12.70 (h) (.150) (.200) (.200) (.200) (.250) (.300) (.400) (.500) thickness 2.54 3.175 3.175 3.175 4.06 3.81 3.81 5.08 (t) (.100) (.125) (.125) (.125) (.160) (.150) (.150) (.200) lead spacing 2.54 2.54 5.08 6.35 7.62 5.08 5.08 10.16 (l.s.) (.100) (.100) (.200) (.250) (.300) (.200) (.200) (.400) lead diameter .508 .508 .508 .508 .508 .508 .508 .635 (l.d.) (.020) (.020) (.020) (.020) (.020) (.020) (.020) (.025) cap. in.* industry preferred wvdc wvdc wvdc wvdc wvdc wvdc wvdc wvdc pf values in blue 100 50 100 50 100 50 100 50 100 50 100 50 100 50 100 50 10,000 sl155e103zab 47,000 sl ----- e473zab 100,000 sl215e104zab 150,000 sl ----- e154zab 220,000 sl215e224zab 330,000 sl215e334zab 470,000 sl215e474zab 680,000 sl ----- e684zab 1.0 f sl ----- 105zab 1.5 f sl30e155zab 2.2 f sl30e225zab 3.3 f sl30e335zab 4.7 f sl30e475zab = industry preferred values = sl20 only size and capacitance specifications eia characteristic dimensions: millimeters (inches)
23 radial leads/skycap ? /ar series automotive see note dimensions: millimeters (inches) note: coating clean .784 (0.031) min. above seating plane styles ar15, ar20, ar30, ar40 style ar21 w max. w max. max. t max. t l.s. .762 (0.030) l.s. .762 (0.030) h max. h max. 1.0" min. 1.0" min. ld nom. ld nom. 1.52 (0.060) max. avx ar series conformally coated radial leaded mlc temperature coefficients: c0g (np0), x7r, x8r 200, 100, 50 volts case material: epoxy lead material: rohs compliant, 100% tin qualified: to aec-q200, ppap available temperature range: up to 150oc xxx x x x front xxx a xx back capacitance code tolerance code voltage code temp. char. code 3 digit date code lot code avx logo quantity per bag ar15, 20, 21, 30 1000 pieces ar40 500 pieces note: ar15, ar20, ar21, ar30, and ar40 available on tape and reel per eia specifications rs-468. see pages 33 and 34. general information marking packaging requirements how to order ar21 avx style 5 voltage 5 = 50v 1 = 100v 2 = 200v f temperature coefficient a = c0g (np0) c = x7r f = x8r 104 capacitance first two digits are the significant figures of capacitance. third digit indicates the additional number of zeros. for example, order 100,000 pf as 104. (for values below 10pf use ?r? in place of decimal point, e.g., 1r4 = 1.4pf.) m capacitance tolerance c0g (np0): c = .25pf d = .5pf f = 1% (>50pf only) g = 2% (>25pf only) j = 5% k = 10% x7r: j = 5% k = 10% m = 20% x8r: j = 5% k = 10% m = 20% 4 failure rate 4 = aec-q200 r leads r = rohs long lead 1.0" minimum tr1 packaging blank = bulk packaging t = trimmed leads .230" .030" bulk packaging tr1 = tape and reel packaging ap1 = ammopack packaging see packaging specification page 33-34. drawings are for illustrative purposes only. actual lead form shape could vary within stated tolerances based on body size.
24 radial leads/ar series c0g (np0) dielectric size and capacitance specifications eia characteristic dimensions: millimeters (inches) avx style ar15 ar20 ar21 avx ?insertable? ar07 ar29 ar59 width 3.81 5.08 5.08 (w) (.150) (.200) (.200) height 3.81 5.08 5.08 (h) (.150) (.200) (.200) thickness 2.54 3.175 3.175 (t) (.100) (.125) (.125) lead spacing 2.54 2.54 5.08 (l.s.) (.100) (.100) (.200) lead diameter .508 .508 .508 (l.d.) (.020) (.020) (.020) cap industry preferred wvdc wvdc wvdc in pf values in blue 200 100 50 200 100 50 200 100 50 1ar ----- a1r0d4r 10 ar ----- a100k4r 15 ar ----- a150k4r 22 ar ----- a220k4r 33 ar ----- a330k4r 39 ar ----- a390k4r 47 ar ----- a470k4r 68 ar ----- a680k4r 100 ar ----- a101k4r 150 ar ----- a151k4r 220 ar ----- a221k4r 330 ar ----- a331k4r 390 ar ----- a391k4r 470 ar ----- a471k4r 680 ar ----- a681k4r 1,000 ar ----- a102k4r 1,500 ar ----- a152k4r 2,200 ar ----- a222k4r 3,900 ar ----- a392k4r 4,700 ar ----- a472k4r 6800 ar ----- a682k4r 8200 ar ----- a822k4r notes: ?insertable? make reference to alternative avx style using the same range of capacitance available on the matrix. for others styles, voltages, tolerance and lead lengths see skycap catalog or contact factory. others capacitance values available upon special request. others styles available: ar12, ar14, ar62, ar89.
25 radial leads/ar series x7r dielectric avx style ar15 ar20 ar21 ar30 ar40 avx ?insertable? ar07 ar29 ar59 ar65 ar75 width 3.81 5.08 5.08 7.62 10.16 (w) (.150) (.200) (.200) (.300) (.400) height 3.81 5.08 5.08 7.62 10.16 (h) (.150) (.200) (.200) (.300) (.400) thickness 2.54 3.175 3.175 3.81 3.81 (t) (.100) (.125) (.125) (.150) (.150) lead spacing 2.54 2.54 5.08 5.08 5.08 (l.s.) (.100) (.100) (.200) (.200) (.200) lead diameter .508 .508 .508 .508 .508 (l.d.) (.020) (.020) (.020) (.020) (.020) cap industry preferred wvdc wvdc wvdc wvdc wvdc in pf values in blue 100 50 100 50 100 50 100 50 100 50 470 ar ----- c471k4r 1000 ar ----- c102k4r 1500 ar ----- c152k4r 2200 ar ----- c222k4r 3300 ar ----- c332k4r 4700 ar ----- c472k4r 6800 ar ----- c682k4r 10,000 ar ----- c103k4r 15,000 ar ----- c153k4r 22,000 ar ----- c223k4r 33,000 ar ----- c333k4r 47,000 ar ----- c473k4r 68,000 ar ----- c683k4r 100,000 ar ----- c104k4r 150,000 ar ----- c154k4r 220,000 ar ----- c224k4r 330,000 ar ----- c334k4r 390,000 ar ----- c394k4r 470,000 ar ----- c474k4r 680,000 ar ----- c684k4r 1.0 uf ar ----- c105k4r 4,700,000 ar ----- c475k4r 6,800,000 ar ----- c685k4r 10.0 uf ar ----- c106k4r size and capacitance specifications eia characteristic dimensions: millimeters (inches) notes: ?insertable? make reference to alternative avx style using the same range of capacitance available on the matrix. for others styles, voltages, tolerance and lead lengths see skycap catalog or contact factory. others capacitance values available upon special request. others styles available: ar12, ar14, ar62, ar89, ar32, ar38. = extended range with 0.150" thickness maximum
26 radial leads/ar series x8r dielectric avx style ar20 ar21 avx ?insertable? ar29 ar59 width 5.08 5.08 (w) (.200) (.200) height 5.08 5.08 (h) (.200) (.200) thickness 3.175 3.175 (t) (.125) (.125) lead spacing 2.54 5.08 (l.s.) (.100) (.200) lead diameter .508 .508 (l.d.) (.020) (.020) cap industry preferred wvdc wvdc in pf values in blue 200 100 50 200 100 50 1,000 ar ----- f102k4r 10,000 ar ----- f103k4r 100,000 ar ----- f104k4r 330,000 ar ----- f334k4r size and capacitance specifications eia characteristic dimensions: millimeters (inches) notes: ?insertable? make reference to alternative avx style using the same range of capacitance available on the matrix. for others styles, voltages, tolerance and lead lengths see skycap catalog or contact factory. others capacitance values available upon special request. others styles available: ar14, ar62, ar89.
27 skycap ? configurations by lead spacing lead spacing .100 .030 dimensions: inches (millimeters) ar07/sr07* ar14/sr14 ar15/sr15* ar20/sr20* (t=.100) (t=.100) (t=.100) (t=.125) ar29/sr29* ar62/sr62* sr62-lp* (t=.125) (t=.125) (t=.100) lead spacing .200 .030 dimensions: inches (millimeters) ar12/sr12* sr13* ar21/sr21* sr21-85* sr28* (t=.100) (t=.125) (t=.125) (t=.125) (t=.125) ar30/sr30* sr30-lp* ar32/sr32* ar40/sr40* ar59/sr59* (t=.150) (t=.150) (t=.150) (t=.150) (t=.125) sr61 sr63* sr64* sr64-lp* ar65/sr65* (t=.150) (t=.150) (t=.150) (t=.150) (t=.150) .250 (6.35) max. meniscus free .031 (.787) above seating plane .200 (5.08) max. 1.0 (25.4) min. .200 (5.08) .030 .200 (5.08) max. .300 (7.62) max. .100 (2.54) .030 .230 (5.84) .030 meniscus free .031 (.787) above seating plane .150 (3.81) max. .150 (3.81) max. 1.0 (25.4) min. .100 (2.54) .030 .060 (1.52) max. .150 (3.81) max. .250 (6.35) max. 1.0 (25.4) min. .100 (2.54) .030 .050 (1.27) clean above seating plane .200 (5.08) max. .200 (5.08) max. 1.0 (25.4) min. .100 (2.54) .030 .060 (1.52) max. .150 (3.81) max. .230 (5.84) max. .150 (3.81) max. 1.0 (25.4) min. .200 (5.08) .030 .200 (5.08) max. .350 (8.89) max. 1.0 (25.4) min. .200 (5.08) .030 meniscus free .031 (.787) above seating plane .200 (5.08) max. .300 (7.62) max. 1.0 (25.4) min. .200 (5.08) .030 .031 (.787) clean above seat meniscus free .031 (.787) above seating plane .200 (5.08) max. .200 (5.08) max. .300 (7.62) max. 1.0 (25.4) min. .200 (5.08) .030 .137/.196 (3.48/4.98) 1.0 (25.4) min. .300 (7.62) max. .500 (12.7) max. .200 (5.08) .030 .300 (7.62) max. .500 (12.7) max. 1.00 (25.4) min. .200 (5.08) .031 a a = .009 .002 (.229 .051) 0.040 (1.02) min. .268 (6.81) max. .330 (8.38) max. 1.0 (25.4) min. .200 (5.08) .030 a 0.04 (1.02) .400 (10.16) max. 1.0 (25.4) min. .300 (7.62) max. .300 (7.62) max. .200 (5.08) .030 .300 (7.62) max. .300 (7.62) max. 1.0 (25.4) min. .200 (5.08) .030 .060 (1.52) max. .225 (5.71) max. .200 (5.08) .030 .059 (1.5) max. .300 (7.62) max. 1.0 (25.4) min. .390 (9.91) max. meniscus free .031 (.787) above seating plane .300 (7.62) max. 1.0 (25.4) min. .200 (5.08) .030 .400 (10.16) max. .400 (10.16) max. 1.0 (25.4) min. .200 (5.08) .030 .060 (1.52) max. .200 (5.08) max. .300 (7.62) max. 1.0 (25.4) min. .200 (5.08) .030 .031 (.787) clean above seat .300 (7.62) max. .500 (12.7) max. .200 (5.08) .030 .230 (5.84) .030 meniscus free .031 (.787) above seating plane .200 (5.08) max. .250 (6.35) max. 1.0 (25.4) min. .100 (2.54) .030 meniscus free .031 (.787) above seating plane .210 (5.33) max. .358 (9.09) max. 0.100 .031 (2.54 .787) 0.008 0.002 (.203 .051) 0.040 (1.016)min. .170 (4.32) max. .271 (6.88) max. 1.0 (25.4) min. .100 (2.54) .030 a 0.04 (1.02) leads = #22 awg leads = #22 awg leads = #22 awg leads = #22 awg *sl style available in all sr configurations.
28 skycap ? configurations by lead spacing lead spacing .200 .030 continued dimensions: inches (millimeters) sr65-lp* sr67 ar75/sr75* ar89/sr89* (t=.150) (t=.125) (t=.150) (t=.125) leads = #22 awg lead spacing .400 .030 sr50* sr76* (t=.200) (t=.175) lead spacing .250 .030 dimensions: inches (millimeters) sr16 ar22/sr22 sr33 (t=.125) (t=.125) (t=.150) .200 (5.08) max. .300 (7.62) max. seated height .200 (5.08) .030 .230 (5.84) .030 .031 (.787) seated plane .031 (.787) min. clean lead above seat .400 (10.16) max. .480 (12.2) max. .400 (10.16) max. 1.0 (25.4) min. .200 (5.08) .030 meniscus free .031 (7.87) above seating plane .215 (5.46) max. .260 (6.60) max. 1.00 (25.4) min. .200 (5.08) .031 0.025 0.001 (.635 .025) 0.040 (1.02) min. a a = .009 .002 (.229 .051) .200 (5.08) max. .300 (7.62) max. .250 (6.35) .030 .230 (5.84) .030 meniscus free .031 (.787) above seating plane 1.0 (25.4) min. .200 (5.08) max. .300 (7.62) max. .250 (6.35) .030 .390 (9.91) max. .400 (10.16) max. .250 (6.35) .030 .230 (5.84) .030 lead spacing .300 .030 sr27 sr34 (t=.150) (t=.150) .260 (6.60) max. .250 (6.35) max. 1.0 (25.4) min. .300 (7.62) .030 meniscus free .031 (.787) above seating plane .300 (7.62) max. .350 (8.89) max. 1.0 (25.4) min. .300 (7.62) .030 meniscus free .031 (.787) above seating plane lead spacing .375 .030 ar38/sr38* (t=.150) .300 (7.62) max. .425 (10.8) max. 1.0 (25.4) min. .375 (9.53) .030 meniscus free .031 (.787) above seating plane .500 (12.7) max. .500 (12.7) max. 1.0 (25.4) min. .400 (10.16) .030 .060 (1.52) max. .500 (12.7) max. .480 (12.2) max. .440 (11.2) max. 1.0 (25.4) min. .400 (10.16) .030 .025 (0.64) .004 .031 (.787) min. clean lead above seat seating plane notes: 1. all leads are #24 awg unless otherwise noted. 2. available in tape and reel packaging(*). 3. other styles are also available, contact factory. 4. (t = xxx) under type designation is maximum thickness in inches. leads = #22 awg .300 (7.62) max. .350 (8.89) max. coating limit .200 (5.08) .030 1.0 (25.4) min. leads = #22 awg *sl style available in all sr configurations. drawings are for illustrative purposes only. actual lead form shape could vary within stated tolerances based on body size.


▲Up To Search▲   

 
Price & Availability of SR215E104MARTR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X